Part Number Hot Search : 
6103FPJ B1UG1 1N5364B 61000 61000 LXM16 VBVT217A A500ERW
Product Description
Full Text Search
 

To Download ASI10610 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HF75-50F
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI HF75-50F is Designed for
PACKAGE STYLE .380 4L FLG
B .112 x 45 A
FEATURES:
* PG = 14 dB min. at 75 W/30 MHz * IMD3 = 50 dBc max. at 75 W(PEP) * OmnigoldTM Metalization System
F
E B
C D E
C E
O.125 NOM. FULL R J .125
MAXIMUM RATINGS
IC VCBO VCEO VEBO PDISS TJ T STG JC
O
G
HI
3.25 A 110 V 55 V 4.0 V 127 W @ TC = 25 C -65 C to +200 C -65 OC to +150 OC 2.0 OC/W
O O
DIM A B C D E F G H I J .240 / 6.10 .004 / 0.10 .085 / 2.16 .160 / 4.06 MINIMUM
inches / mm
MAXIMUM
inches / mm
.220 / 5.59 .785 / 19.94 .720 / 18.29 .970 / 24.64
.230 / 5.84 .730 / 18.54 .980 / 24.89 .385 / 9.78 .006 / 0.15 .105 / 2.67 .180 / 4.57 .280 / 7.11 .255 / 6.48
ORDER CODE: ASI10610
CHARACTERISTICS
SYMBOL
BV CES BV CE0 BV EBO IC = 100 mA IC = 200 mA IE = 10 mA
TC = 25 OC
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
110 55 4.0
UNITS
V V V
hFE Cob GP IMD3 C
VCE = 6.0 V VCB = 50 V
IC = 1.4 A f = 1.0 MHz
19
---
50 100
--pF dB dBc %
VCE = 50 V
POUT = 75 W(PEP)
14 --37
---
-30
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10610

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X